Part Number Hot Search : 
D221K KA2983 SSA150 27C040 R321142 SK520 1SMA5927 CXA1207
Product Description
Full Text Search
 

To Download TP6KE82A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  886 tvs diodes tp6ke series axial leaded C 600w > tp6ke series ?2015 littelfuse, inc. specifcations are subject to change without notice. revised: 04/08/15 agency agency file number e230531 tvs devices are ideal for the protection of i/o interfaces, v cc bus and other vulnerable circuits used in telecom, computer, industrial and consumer electronic applications. applications features the aec-q101 qualifed tp6ke series is designed specifcally to protect sensitive electronic equipment from voltage transients induced by lightning and other transient voltage events. description parameter symbol value unit peak pulse power dissipation by 10/1000s test waveform (fig.2) (note 1) p ppm 600 w steady state power dissipation on infnite heat sink at t l =75oc (fig. 6) p d 5.0 w peak forward surge current, 8.3ms single half sine wave unidirectional only (note 2) i fsm 100 a maximum instantaneous forward voltage at 50a for unidirectional only v f 3.5 v operating junction and storage temperature range t j , t stg -55 to 175 c typical thermal resistance junction to lead r ujl 20 c/w typical thermal resistance junction to ambient r uja 75 c/w notes: 1. non-repetitive current pulse, per fig. 4 and derated above t j (initial) = 25 o c per fig. 3. 2. measured on 8.3ms single half sine wave or equivalent square wave, duty cycle=4 per minute maximum. maximum ratings and thermal characteristics (t a =25 o c unless otherwise noted) agency approvals ? hi reliability application and automotive grade aec-q101 qualifed ? glass passivated chip junction in do-15 package ? 600w peak pulse capability at 10/1000s waveform, repetition rate (duty cycles):0.01% ? fast response time: typically less than 1.0ps from 0 volts to bv min ? excellent clamping capability ? typical f ailure mode is short from over-specifed voltage or current ? whisker test is conducted based on jedec jesd20 1a per its table 4a and 4c ? iec-610 00-4-2 esd 30kv(air), 30kv (contact) ? esd protection of data lines in accordance with iec 61 000-4-2 (iec801-2) ? eft protection of data lines in accordance with iec 61 000-4-4 (iec801-4) ? lo w incremental surge resistance ? high temperature to ref ow soldering guaranteed: 260c/40sec / 0.375,(9.5mm) lead length, 5 lbs., (2.3kg) tension ? v br @ t j = v br @25c x (1+ t x (t j - 25)) ( t:temperature coeffcient, typical value is 0.1%) ? plastic package has under writers laboratory fammability classifcation 94v-o ? lead-free mat te tin plated package ? halogen free and rohs compliant tp6ke series functional diagram bi-directional uni-directional cathode anode bi-directional uni-directional rohs pb e3 1
887 tvs diodes tp6ke series axial leaded C 600w > tp6ke series ?2015 littelfuse, inc. specifcations are subject to change without notice. revised: 04/08/15 electrical characteristics (t a =25c unless otherwise noted) part number (uni) part number (bi) reverse stand off voltage v r (volts) breakdown voltage v br (volts) @ i t test current i t (ma) maximum clamping voltage v c @ i pp (v) maximum peak pulse current i pp (a) maximum reverse leakage i r @ v r (a) agency approval min max tp6ke13a tp6ke13ca 11. 10 12.40 13.70 1 18.2 33.5 1 x tp6ke15a tp6ke15ca 12.80 14.30 15.80 1 21.2 28.8 1 x tp6ke16a tp6ke16ca 13.60 15.20 16.80 1 22.5 27.1 1 x tp6ke18a tp6ke18ca 15.30 1 7. 1 0 18.90 1 25.2 24.2 1 x tp6ke20a tp6ke20ca 1 7. 1 0 19.00 21.00 1 27.7 22.0 1 x tp6ke22a tp6ke22ca 18.80 20.90 23.10 1 30.6 19.9 1 x tp6ke24a tp6ke24ca 20.50 22.80 25.20 1 33.2 18.4 1 x tp6ke27a tp6ke27ca 23.10 25.70 28.40 1 37.5 16.3 1 x tp6ke30a tp6ke30ca 25.60 28.50 31.50 1 41.4 14.7 1 x tp6ke33a tp6ke33ca 28.20 31.40 34.70 1 45.7 13.3 1 x tp6ke36a tp6ke36ca 30.80 34.20 37.80 1 49.9 12.2 1 x tp6ke39a tp6ke39ca 33.30 37.10 41.00 1 53.9 11. 3 1 x tp6ke43a tp6ke43ca 36.80 40.90 45.20 1 59.3 10.3 1 x tp6ke47a tp6ke47ca 40.20 44.70 49.40 1 64.8 9.4 1 x tp6ke51a tp6ke51ca 43.60 48.50 53.60 1 70.1 8.7 1 x tp6ke56a tp6ke56ca 47.80 53.20 58.80 1 77.0 7. 9 1 x tp6ke62a tp6ke62ca 53.00 58.90 65.10 1 85.0 7. 2 1 x tp6ke68a tp6ke68ca 58.10 64.60 71.40 1 92.0 6.6 1 x tp6ke75a tp6ke75ca 64.10 71.30 78.80 1 103.0 5.9 1 x TP6KE82A tp6ke82ca 70.10 77.90 86.10 1 113.0 5.4 1 x tp6ke91a tp6ke91ca 77.80 86.50 95.50 1 125.0 4.9 1 x for parts without a , the v br is 10% and v c is 5% higher than with a parts i-v curve characteristics vc v br v r i r i t i pp v uni-directional v f vc v br v r i r i t i pp v vc v br v r i pp i r i t bi-directional p ppm peak pulse power dissipation -- max power dissipation v r stand-off voltage -- maximum voltage that can be applied to the tvs without operation v br breakdown voltage -- maximum voltage that fows though the tvs at a specifed test current (i t ) v c clamping voltage -- peak voltage measured across the tvs at a specifed ippm (peak impulse current) i r reverse leakage current -- current measured at v r v f forward voltage drop for uni-directional 2
888 tvs diodes tp6ke series axial leaded C 600w > tp6ke series ?2015 littelfuse, inc. specifcations are subject to change without notice. revised: 04/08/15 vo lt age tr an si en ts ti me vo lt age acro ss tv s current through tvs voltage or current figure 1 - tvs transients clamping waveform ratings and characteristic curves (t a =25c unless otherwise noted) figure 2 - peak pulse power rating t d -pulse width (ms) p ppm -peak pulse power (kw) 0. 1 1 10 10 0 0.001 0.01 0. 11 10 t j initial = t amb i ppm - peak pulse current, % i rsm 0 0 50 10 0 15 0 1. 0 2.0 3.0 4.0 t r =10sec peak value i ppm i ppm 2 t j =25c pulse width(td) is de?ned as the point where the peak current decays to 50% of i ppm 10/1 00 0sec. waveform as de?ned by r.e.a t d t-time (ms) half value i ppm ( ) un i- di rec on al bi-d ir ec o na l v= v r un i- di rec on al v =0 v bi-d ir ec o na l v= 0v 1 10 100 1000 10000 100000 11 01 00 1000 cj (p f) v br - reverse breakdown voltage (v) tr an si en t th er ma l im pedanc e ( c/ w) -p ul se du ra ti on (s ) t p 0. 1 1 10 100 0.01 0. 11 10 100 1000 figure 3 - peak pulse power derating curve figure 4 - pulse waveform figure 5 - typical junction capacitance figure 6 - typical transient thermal impedance peak pulse power (p pp ) or current (i pp ) derating in percentage % 0 25 50 75 100 02 5507 5 100 125 150 175 200 t j - initial junction temperature (oc) 3
889 tvs diodes tp6ke series axial leaded C 600w > tp6ke series ?2015 littelfuse, inc. specifcations are subject to change without notice. revised: 04/08/15 physical specifcations t weight 0.015oz., 0.4g case jedec do-204ac (do-15) molded plastic body over passivated junction. polarity color band denotes the cathode except bipolar. terminal matte tin axial leads, solderable per jesd22-b102. dimensions d a a c b cathode band (for uni-directional products only) do-204ac (do-15) flow/wave soldering (solder dipping) peak temperature : 265 o c dipping time : 10 seconds soldering : 1 time dimensions inches millimeters min max min max a 1.000 - 25.40 - b 0.230 0.300 5.80 7.60 c 0.028 0.034 0.71 0.86 d 0.104 0.140 2.60 3.60 environmental specifcations high temp. storage jesd22-a103 htrb jesd22-a108 temperature cycling jesd22-a104 h3trb jesd22-a101 rsh jesd22-b106 0 20 40 60 80 100 120 11 0 100 if sm -p ea k fo rw ar d su rv e cu rren t( a) numb er of cy cl es at 60 hz figure 7 - maximum non-repetitive peak forward surge current uni-directional only 4
890 tvs diodes tp6ke series axial leaded C 600w > tp6ke series ?2015 littelfuse, inc. specifcations are subject to change without notice. revised: 04/08/15 part numbering system packaging part number component package quantity packaging option packaging specifcation tp6kexxxxx do-204ac 4000 tape & reel eia std rs-296 tp6kexxxxx-b do-204ac 1000 bulk littelfuse spec. option code: blank reel tape -b bulk pa ckaging series code tp6ke xxx xx x type code: a uni-directional (5% v br v oltage tolerance) ca bi-directional (5% v br v oltage tolerance) v br vo lta ge code (refer to the electrical characteristics table) part marking system f tp6kexxx yy ww trace code marking yy:year code ww: week code product type littelfuse logo cathode band (for uni-directional products only) tape and reel specifcation 2.063+0.079/-0.039 2.56 0.197+/-0.020 2.75 0.047 (330.2) recess depth max. 0.75 ( 19.05) off center either side 0.028(0.7) dimensions are in inches/ mm 0.236 (65.0) (5.0+/- 0.5) (53.0+2.0/-1.0) (6.0) (1.2) (69.85) 13.0 (76.2) 3.0 0.68 (1 7. 27) direction of feed 5


▲Up To Search▲   

 
Price & Availability of TP6KE82A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X